Part Number Hot Search : 
PEMH1 1221C AD233AN BZX84C20 BU4229G 1SM5936B 1221C M54HC221
Product Description
Full Text Search
 

To Download T73YB100TR100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T73
Vishay Sfernice
1/4" Square Single-Turn Cermet Sealed Trimmers
FEATURES
* Industrial grade * Fully sealed * Miniature package * Rotor designed for automatic machine adjust interface * Withstands harsh environments and immersion cleaning process
RoHS
COMPLIANT
DIMENSIONS in millimeters
T73Y Top adjust T73YP T73YE T73YU T73YB
6.6 O 0.46 7 3.8 5.46 0.38
4.7
54
2.54* 3 2.54* 2 Base level
2.54 1 3.53
2.54* 2 2.54* 3
2.54*
2.54* 3 2
2.54* 1 3.53
2. 54
2.
2
1 3.53
4.06 0.38
3 1
T73X Side adjust T73XX
O 0.46 0.05 7 3.8 1.02 3 2.54* 2 2.54* 1 2.54*
1.02 1 2.54* 2 2.54* 3 2.29 2.54 1 2.54* 2 2.54* 3 4.7
T73XH
T73XW
6.6
5.46 0.38 Base level 4.7
4.7
Tolerances unless otherwise specified 0.25 mm
Cruciform slot O 3 long 2.77, wide 0.64 - deep 0.89
CIRCUIT DIAGRAM
a (1) b (2)
cw
c (3)
www.vishay.com 42
For technical questions, contact: sfer@vishay.com See also: Application notes
Document Number: 51016 Revision: 24-Jan-07
T73
1/4" Square Single-Turn Cermet Sealed Trimmers
Vishay Sfernice
ELECTRICAL SPECIFICATIONS
Resistive Element Electrical Travel Resistance Range Standard Series Tolerance Standard Power Rating Temperature Coefficient Limiting Element Voltage Contact Resistance Variation Absolute Minimum Resistance Adjustability Resolution Insulation Resistance (500 V DC) Dielectric Strength Linear Logarithmic Cermet 240 nominal 10 to 2 M 1-2-5 10 % 0.5 W at 70 C not applicable 100 ppm/C 300 V 1 % or 3 max. whichever is greater 1 % or 2 max. whichever is greater 0.05 % voltage 0.15 % resistance infinite 103 M minimum 900 Vac sea level 350 Vac 80 000 feet
MECHANICAL SPECIFICATIONS
Mechanical Travel Operating Torque (max. Ncm) End Stop Torque (max. Ncm) Unit Weight (max. g) 270 2.1 4.9 0.6
POWER RATING CHART
0.50
ENVIRONMENTAL SPECIFICATIONS
Temperature Range - 55 C to + 125 C Climatic Category 55/100/56 Seal Test 85 C Fluorinert** Flammability UL 94-VO ** Fluorinert is a registered trademark of 3M Co.
POWER IN WATT
0.25
0 0
20
40
60
70
100
125
140
AMBIENT TEMPERATURE IN DEGREES CELSIUS
PERFORMANCE
TESTS Load Life CONDITIONS 1000 hours - 0.5 W at + 70 C R R R R R R R R R R TYPICAL VALUES AND DRIFTS 3% CRV V V V V i.R. 10 M CRV <4% < 3 or 3 % whichever is greater < 3 or 3 % whichever is greater <1% 1%
Shock Vibration Humidity
100 g 30 g Mil-STD202 method 103 - 96 hours
<1% <1% <2%
Rotational Life
200 cycles
Document Number: 51016 Revision: 24-Jan-07
For technical questions, contact: sfer@vishay.com See also: Application notes
www.vishay.com 43
T73
Vishay Sfernice
1/4" Square Single-Turn Cermet Sealed Trimmers
MARKING
Printed: VISHAY trademark, resistance code, terminal numbers, date code, manufacturer's model number and style
STANDARD RESISTANCE ELEMENT DATA
STANDARD RESISTANCE VALUES 10 20 50 100 200 500 1K 2K 5K 10K 20K 50K 100K 200K 500K 1M 2M LINEAR LAW MAX. MAX. POWER WORKING AT 70 C VOLTAGE W 0.5 V 2.2 3.2 5 7.1 10 15.8 22.4 31.6 50 70.7 100 158.1 223.6 300 300 300 300 MAX. WIPER CUR. mA 224 160 100 70 50 32 22 16 10 7.1 5 3.2 2.2 1.5 0.60 0.30 0.15 TCR - 55 C + 125 C ppm/C
100
0.50 0.45 0.18 0.09 0.05
PACKAGING
- In tube by 50 pieces, code TU50 - Tape and reel for model YU, code TR750 and XW, code TR100
ORDERING INFORMATION
T73 SERIES YP STYLE XX XH XW YP YE YU YB 500 k OHMIC VALUE 10 % TOLERANCE TU50 PACKAGING TU50 On request: TR750 TR1000 e3 LEAD FINISH e3: pure Sn
SAP PART NUMBERING GUIDELINES
T 7 3 Y P 5 0 4 K T 2 0
MODEL
STYLE
OHMIC VALUE
TOL
PACKAGING CODE
SPECIAL (IF APPLICABLE)
See the end of this data book for conversion tables
www.vishay.com 44
For technical questions, contact: sfer@vishay.com See also: Application notes
Document Number: 51016 Revision: 24-Jan-07
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of T73YB100TR100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X